Part Number Hot Search : 
78L05 UPC2900 LBA025M2 1N5243B TUA1574 16360 HVD132 5S211
Product Description
Full Text Search
 

To Download T105J1ABE2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K T Series Subminiature Rocker Switches
Features/Benefits * Compact size--small footprint * Single and double pole models * PC and panel mounting options available * RoHS compliant Typical Applications * Telecommunications * Instrumentation * Medical Equipment
Models Available
Specifications
CONTACT RATING: Q contact material (TX01 models): 3 AMPS @ 120 V AC or 28 V DC. All other models: 2 AMPS @ 120 V AC or 28 V DC. See page H-53 for additional ratings. ELECTRICAL LIFE: TX01 models: 60,000 make-and-break cycles at full load. All other models: 30,000 cycles. CONTACT RESISTANCE: Below 20 m typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30C to 85C. SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging).
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled nylon 6/6, flame retardant, heat stabilized or diallyl phthalate (DAP), (UL 94V-0). ACTUATOR: Nylon, black standard. BUSHING: Brass, nickel plated. HOUSING: Stainless steel. SWITCH SUPPORT: Brass, matte-tin plated. MOUNTING BRACKET: Stainless steel. END CONTACTS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Coin silver, silver plated. See page H-53 for additional contact materials. CENTER CONTACTS & TERMINALS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Copper alloy, silver plated. See page H-53 for additional contact materials. TERMINAL SEAL: Epoxy. HARDWARE: Nut, Screws & Lockwasher: Stainless steel. Standoff: Nylon standard.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages H-47 through H-52. For additional options not shown in catalog, consult Customer Service Center. All models have epoxy terminal seal and are compatible with all "bottom-wash" PCB cleaning methods.
Switch Function T101 SP On-None-On T102 SP Off-None-On T103 SP On-Off-On T105 SP Mom.-Off-Mom. T107 SP On-Off-Mom. T201 DP On-None-On T205 DP Mom.-Off-Mom.
Rocker
Actuator J1 Rocker, .300" wide J6 Rocker, .230" wide Terminations A Right angle, PC thru-hole AV Vertical Right angle, PC thru-hole Z Solder lug Contact Material V3 V-bracket B Gold K Gold, tin-lead P Gold, matte-tin Q Silver G Gold over silver Seal E Epoxy Actuator Color 2 Black
H
H-47
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K T Series Subminiature Rocker Switches
ACTUATOR COLOR
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 POS. 3 CONNECTED TERMINALS POS. 1 POS. 2 POS. 3
NO. POLES
MODEL NO.
C&K marking on opposite side ON ON MOM. ON OFF NONE OFF OFF OFF NONE ON ON 2-3
C&K marking on opposite side N/A
SCHEMATIC
T101 T103
SP
2-1 OPEN SPDT
T105 T107 T102
MOM. MOM. ON OPEN
N/A
3-1
SPST
SPDT
PANEL MOUNTING
Part number shown: T101J1ZBE2
Terminal Nos. For Reference Only
T201
DP
ON
NONE
ON
N/A
2-3,5-6
2-1,5-4 OPEN DPDT
T205
MOM.
OFF
MOM.
DPDT
PANEL MOUNTING
Part number shown: T201J1ZBE2 MOM. = Momentary All models with all options when ordered with G or Q contact material.
Terminal Nos. For Reference Only
Rocker
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-48
www.ittcannon.com
C&K T Series Subminiature Rocker Switches
ACTUATOR
ACTUATOR
J1
ROCKER, .300 WIDE
OPTION CODE
ACTUATOR COLOR BLACK
2
Standard with all models except T10X with A terminations.
J6
Actuators available separately, see page H 51H53. Finish: Matte. Other colors, custom actuator markings and legends available, consult Customer Service Center.
ROCKER, .230 WIDE
Standard with T10X model with A terminations.
TERMINATIONS
Z
SOLDER LUG
SP
DP
SP and DP
Not available with K or P contact material.
A
RIGHT ANGLE, PC THRU-HOLE
PC MOUNTING
Rocker
T101J6ABE2 Horizontal Actuation SPDT
Not available with T102 model. J6 actuator standard only on T10X models with A terminations.
H
H-49
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K T Series Subminiature Rocker Switches
TERMINATIONS
A
RIGHT ANGLE, PC THRU-HOLE
T201J1ABE2 Horizontal Actuation DPDT
AV
VERTICAL RIGHT ANGLE, PC THRU-HOLE
T101J1AVBE2 Vertical Actuation SPDT
NOTE: Terminal bend radii and lead-in manufacturing option.
AV
VERTICAL RIGHT ANGLE, PC THRU-HOLE
T201J1AVBE2 Vertical Actuation DPDT
NOTE: Terminal bend radii and lead-in manufacturing option.
V3
VERTICAL MOUNT, V-BRACKET
Rocker
T101J1V3BE2 SPDT
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-50
www.ittcannon.com
C&K T Series Subminiature Rocker Switches
TERMINATIONS
V3
VERTICAL MOUNT, V-BRACKET
T201J1V3BE2
DPDT
CONTACT MATERIAL
OPTION CODE RoHS RoHS COMPLIANT * COMPATIBLE * YES NO YES YES YES YES YES YES SILVER 4,5 GOLD 3 CONTACT MATERIAL TERMINAL PLATING GOLD 1 TIN-LEAD 6 MATTE-TIN 7 SILVER 5 POWER TX01 MODELS: 3 AMPS @ 120 V AC OR 28 V DC. ALL OTHER MODELS: 2 AMPS @ 120 V AC OR 28 V DC. TX01 MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR 3 AMPS @ 120 V AC OR 28 V DC. ALL OTHER MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR 2 AMPS @ 120 V AC OR 28 V DC. LOW LEVEL/ DRY CIRCUIT 0.4 VA MAX. @ 20 V AC OR DC MAX. RATINGS
B K P Q
G
YES
YES
GOLD OVER SILVER 2,3
GOLD 3
LOW LEVEL/DRY CIRCUIT OR POWER
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. 2 END CONTACTS: Coin silver, with gold plate over nickel plate. 3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. 4 END CONTACTS: Coin silver, silver plated. 5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated. 6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. 7 TERMINALS: Copper alloy, with matte-tin over nickel plate. NOTE: Any models supplied with Q, B, G & P contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options when ordered with G, or Q contact material.
B contact material standard with A, AV, V3 terminations. Q contact material standard with C & Z terminations. K & P contact materials not available with Z terminations.
SEAL
E
EPOXY SEAL
Rocker
H
H-51
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
www.ittcannon.com
C&K T Series Subminiature Rocker Switches
AVAILABLE HARDWARE
Panel mounting hardware for rocker and lever handle switches is available separately. Mounting hardware consists of two screws, two nuts, two standoffs and two lockwashers per switch, and is available for panel thicknesses of 1/16, 3/32 and 1/8 inch. See part numbers below.
TYPICAL ASSEMBLY SCREW PANEL THICKNESS
STAND-OFF LENGTH
STAND-OFF LOCKWASHER NUT
PART NO. 761101000 761102000 761103000
PANEL THK. 1/16 IN. (1,59) 3/32 IN. (2,38) 1/8 IN. (3,18)
STANDOFF LENGTH .295 (7,49) .264 (6,71) .233 (5,92)
NOTE: Additional nuts, screws and lockwashers available separately, see Technical Data section of this catalog.
J1 Actuator
J6 Actuator
PART NO.
PART NO.
468002263 BLACK
Material: Nylon Finish: Matte
468102263 BLACK
Material: Nylon Finish: Matte
NOTE: Other colors, custom actuator markings and legends available, consult Customer Service Center.
Rocker
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
H
H-52
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of T105J1ABE2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X